Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFC100 Fiches technique(PDF) 7 Page - Clarke International

No de pièce CFC100
Description  FOLDING CRANE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFC100 Fiches technique(HTML) 7 Page - Clarke International

Back Button CFC100 Datasheet HTML 3Page - Clarke International CFC100 Datasheet HTML 4Page - Clarke International CFC100 Datasheet HTML 5Page - Clarke International CFC100 Datasheet HTML 6Page - Clarke International CFC100 Datasheet HTML 7Page - Clarke International CFC100 Datasheet HTML 8Page - Clarke International CFC100 Datasheet HTML 9Page - Clarke International CFC100 Datasheet HTML 10Page - Clarke International CFC100 Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
7. Fix the ram (21) into position using
bolt (22), washer (12) and nut (13
8. Attach the jib (7) to the top of the
main support post (20) using bolt
(15), washer (12) and nut (13).
9. Connect the top of the ram (21)
to the jib (7) as shown using bolt
(11), washer (12) and nut (13).
NOTE: The ram may require
extending to facilitate
assembly, see page 8.
10. Slide the jib extension (6) into the
jib (7), use the pin assembly (29)
to lock it into the required position
The pin is secured by inserting the
attached R clip into the small hole at
the other end of the pin.
11. Pass the last link of the chain and
hook assembly (1) through the
hole on the bottom of the jib
extension (6). Secure the chain
using bolt (2), washer (3), lock
washer (4) and nut (5).
12. Connect the handle (18) to the
rear of the main support post (20)
using four bolts (16), and four lock
washers (17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12