Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFC100 Fiches technique(PDF) 6 Page - Clarke International

No de pièce CFC100
Description  FOLDING CRANE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFC100 Fiches technique(HTML) 6 Page - Clarke International

Back Button CFC100 Datasheet HTML 2Page - Clarke International CFC100 Datasheet HTML 3Page - Clarke International CFC100 Datasheet HTML 4Page - Clarke International CFC100 Datasheet HTML 5Page - Clarke International CFC100 Datasheet HTML 6Page - Clarke International CFC100 Datasheet HTML 7Page - Clarke International CFC100 Datasheet HTML 8Page - Clarke International CFC100 Datasheet HTML 9Page - Clarke International CFC100 Datasheet HTML 10Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ASSEMBLY
1. Fit the castor (24) to the base
(28) using 4 bolts (16), lock
washers (17) and nuts (23).
2. Repeat for both castors.
3. Slide the right leg (32) into the
base (28) as shown, line up the
holes and insert two lock pins (26).
4. Repeat the procedure for the left
leg (31).
5. Secure the pins using the R clips
(27) and small chains (25).
• Make sure the chain
passes through the loop
shown on the left.
6. Attach the main support post (20)
onto the base assembly (28) using
five bolts (8), five washers (9) and
five nuts (10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12