| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32WB09KE Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB09KE Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 73 page ![]() 1 Introduction This document provides the ordering information and mechanical device characteristics of the STM32WB09xE microcontrollers, based on Arm® core. This document must be read in conjunction with the STM32WB09xE reference manual (RM0505). For information on the device errata with respect to the datasheet and reference manual, refer to the STM32WB09xE errata sheet (ES0584). For information on the Arm® Cortex®-M0+ core, refer to the Cortex®-M0+ technical reference manual, available from the www.arm.com website. For information on Bluetooth® refer to www.bluetooth.com website. Note: Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. STM32WB09xE Introduction DS14210 - Rev 6 page 4/73 |