| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32WB09KE Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB09KE Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 73 page ![]() • Ultra-low power radio performance – 12 nA in Shutdown mode (1.8 V) – 0.9 μA in Deepstop mode (with external LSE, radio wakeup source and RAM retained, 1.8 V) – 1.2 μA in Deepstop mode (with internal LSI, radio wakeup source and RAM retained, 1.8 V) – 4.9 mA peak current in TX (@0 dBm, 3.3 V) – 3.6 mA peak current in RX (@ sensitivity level, 3.3 V) • High performance and ultra-low power 32-bit Arm® Cortex®-M0+ , running up to 64 MHz • Dynamic current consumption: 14.47 µA/MHz • Operating supply voltage: from 1.7 to 3.6 V • -40 ºC to 105 ºC temperature range • Supply and reset management – High efficiency embedded SMPS step-down converter with intelligent bypass mode – Ultra-low power power-on-reset (POR) and power-down-reset (PDR) – Programmable voltage detector (PVD) • Clock sources – 64 MHz PLL – Fail safe 32 MHz crystal oscillator with integrated trimming capacitors – 32 kHz crystal oscillator – Internal low-power 32 kHz RO • On-chip non-volatile flash memory of 512 Kbytes with page protection against R/W • On-chip RAM of 64 Kbytes and 4 Kbytes PKA RAM • One-time-programmable (OTP) memory area of 1 Kbytes • Embedded UART bootloader • Ultra-low power modes with or without timer and RAM retention • Quadrature decoder • Enhanced security mechanisms such as: – Flash read/write protection – SWD disabling – Secure bootloader • Security features – True random number generator (TRNG) compliant with NIST special publication 800-90B – Hardware encryption AES maximum 128-bit security co-processor – Hardware public key accelerator (PKA) – Cryptographic algorithms: RSA, Diffie-Helman, ECC over GF(p) – CRC calculation unit – 64-bit unique ID • System peripherals – 1x DMA controller with 8 channels supporting ADC, SPI, I2C, USART, LPUART, Timers – 1x SPI with I2S interface multiplexed – 1x I2C (SMBus/PMBus) – 1x LPUART (low power) – 1x USART (ISO 7816 smartcard mode, IrDA, SPI master and modbus) – 1x independent WDG – 1x real time clock (RTC) – 1x independent SysTick – 1x 16-bit, four channels general purpose timer – 2x 16-bit, two channels general purpose timer – Infrared interface STM32WB09xE DS14210 - Rev 6 page 2/73 |