Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32WB09KE Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STM32WB09KE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09KE Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STM32WB09KE Datasheet HTML 3Page - STMicroelectronics STM32WB09KE Datasheet HTML 4Page - STMicroelectronics STM32WB09KE Datasheet HTML 5Page - STMicroelectronics STM32WB09KE Datasheet HTML 6Page - STMicroelectronics STM32WB09KE Datasheet HTML 7Page - STMicroelectronics STM32WB09KE Datasheet HTML 8Page - STMicroelectronics STM32WB09KE Datasheet HTML 9Page - STMicroelectronics STM32WB09KE Datasheet HTML 10Page - STMicroelectronics STM32WB09KE Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
3
Functional overview
3.1
Arm® Cortex®–M0+ core with MPU
The STM3WB09xE contains an Arm® Cortex®-M0+ microprocessor core. The Arm® Cortex®-M0+ was developed
to provide a low-cost platform that meets the needs of CPU implementation, with a reduced pin count and low-
power consumption, while delivering outstanding computational performance and an advanced response to
interrupts. The Arm® Cortex®-M0+ can run from 1 MHz up to 64 MHz.
The Arm® Cortex®-M0+ processor is built on a highly area and power optimized 32-bit processor core, with a 2-
stage pipeline Von Neumann architecture. The processor delivers exceptional energy efficiency through a small
but powerful instruction set and extensively optimized design, providing high-end processing hardware including a
single-cycle multiplier.
The interrupts are handled by the Arm® Cortex®-M0+ nested vector interrupt controller (NVIC). The NVIC controls
specific Arm® Cortex®-M0+ interrupts as well as the STM3WB09xE peripheral interrupts. With its embedded
Arm® core, the STM3WB09xE family is compatible with all ARM® tools and software.
3.2
System architecture
The main system consists of 32-bit multilayer AHB bus matrix that interconnects:
•
Three masters:
–
CPU (Cortex®-M0+) core S-bus
–
DMA1
–
Radio system
•
Nine slaves:
–
Internal flash memory on CPU (Cortex®-M0+) S bus
–
Internal SRAM0 (16 Kbytes )
–
Internal SRAM1 (16 Kbytes )
–
Internal SRAM2 (16 Kbytes )
–
Internal SRAM3 (16 Kbytes )
–
APB0 peripherals (through an AHB to APB bridge)
–
APB1 peripherals (through an AHB to APB bridge)
–
AHB0 peripherals
–
AHBRF including AHB to APB bridge and radio peripherals (connected to APB2)
The bus matrix provides access from a master to a slave, enabling concurrent access and efficient operation even
when several high-speed peripherals work simultaneously.
STM32WB09xE
Functional overview
DS14210 - Rev 6
page 7/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73