Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS201 Fiches technique(PDF) 12 Page - ABB

No de pièce FS201
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

FS201 Fiches technique(HTML) 12 Page - ABB

Back Button FS201 Datasheet HTML 8Page - ABB FS201 Datasheet HTML 9Page - ABB FS201 Datasheet HTML 10Page - ABB FS201 Datasheet HTML 11Page - ABB FS201 Datasheet HTML 12Page - ABB FS201 Datasheet HTML 13Page - ABB FS201 Datasheet HTML 14Page - ABB FS201 Datasheet HTML 15Page - ABB FS201 Datasheet HTML 16Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
12
System
pro M compact ®
Pulse tripping of the MCBs S 200/S 200 M made by ABB-STOTZ-KONTAKT
Miniature circuit-breakers
S 200/S 200 M series
Example:
non-tripping current (electromagnetic release)
S 201-B16
Ihold = K x non-tripping current
B-type characteristic = 3 x In
Ihold = 4.2 x 3 x 16
C-type characteristic = 5 x In
Ihold = 201.6 A
D-type characteristic = 10 x In
K-type characteristic = 10 x In
Z-type characteristic = 2 x In
In the case of an impulse of 600
, S 201-B16 maintains up to a current of 201.6 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35