Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS201 Fiches technique(PDF) 11 Page - ABB

No de pièce FS201
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

FS201 Fiches technique(HTML) 11 Page - ABB

Back Button FS201 Datasheet HTML 7Page - ABB FS201 Datasheet HTML 8Page - ABB FS201 Datasheet HTML 9Page - ABB FS201 Datasheet HTML 10Page - ABB FS201 Datasheet HTML 11Page - ABB FS201 Datasheet HTML 12Page - ABB FS201 Datasheet HTML 13Page - ABB FS201 Datasheet HTML 14Page - ABB FS201 Datasheet HTML 15Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11
System
pro M compact ®
Miniature circuit-breakers
S 200/S 200 M series
Tripping diagrams
Reading example for tripping characte-
ristic of the B-type trip characteristics
(in connection with the table
tripping characteristics on page 9, line B)
a
Thermal tripping characteristic:
Conventional non-tripping current
I1 = selected non-tripping current
The MCB maintains the 1.13 times
of the rated current for at least
60 minutes.
Conventional tripping current
I2 = selected tripping current.
The MCB switches off within
60 minutes when the 1.45 times
of the rated current is reached.
b
Electromagnetic trip characteristic
AC:
The MCB maintains current rushes of
the 3-fold of the rated current for
more than 0.1 sec. (in this example
up to ca. 4 sec.).
The MCB switches off within less than
0.1 sec when the 5-times of the rated
current is reached.
trip characteristic: C
In = 0.5 ... 63 A
S 200/S 200 M MCBs
trip characteristic: D
In = 0.5 ... 63 A
S 200 MCBs
trip characteristic: K
In = 0.5 ... 63 A
S 200 MCBs
Note:
Deviating ambient temperature values and interdependencies need
to be taken into account
trip characteristic: Z
In = 0.5 ... 63 A
S 200 MCBs
trip characteristic: B
In = 6 ... 63 A
S 200/S 200 M MCBs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35