| Moteur de recherche de fiches techniques de composants électroniques |
|
FS201 Fiches technique(PDF) 4 Page - ABB |
|
|
|||||||||||||||||||||||||||||
FS201 Fiches technique(HTML) 4 Page - ABB |
|
4 / 35 page ![]() 4 System pro M compact ® Outstanding features Applications b All round protection against contact with live parts in acordance with DIN VDE 106 part 100. b Due to new design: Upper and lower shoulders reduced. More working space between component rows. Outgoing and incoming connection points easily accessible. b New, failsafe, bi-directional cylinder lift terminal, ensuring a faster, totally error-free connection. As you tighten the screw, the terminal draws together to simultaneously close the front and rear wiring inputs. This creates a strong, contactassured connection between the wires and the device, in a single operation. Busbar is installed at the back terminals (A). Connection of conductors on the front terminals (B). Result: a clear view on all connection points. Never fumble for the right connection point again. Substantially improved cross-wiring safety. Tangible time-savings. b Connection possible for single, multi and finely stranded conductors of 0.75 to 25 mm2. It is also possible to connect conductors with different cross section at the same time. b New cross wiring busbars. Standard length sizes or meter length cutable. B A SK 0051 B 99 SK 0052 B 99 |