Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RATCHET Fiches technique(PDF) 9 Page - Clarke International

No de pièce RATCHET
Description  ½”AIR RATCHET WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

RATCHET Fiches technique(HTML) 9 Page - Clarke International

Back Button RATCHET Datasheet HTML 5Page - Clarke International RATCHET Datasheet HTML 6Page - Clarke International RATCHET Datasheet HTML 7Page - Clarke International RATCHET Datasheet HTML 8Page - Clarke International RATCHET Datasheet HTML 9Page - Clarke International RATCHET Datasheet HTML 10Page - Clarke International RATCHET Datasheet HTML 11Page - Clarke International RATCHET Datasheet HTML 12Page - Clarke International RATCHET Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
DISCONNECTING THE AIR SUPPLY
1. DO NOT disconnect the air hose until the supply is isolated at a shut-off
valve.
2. Once the pressure has been isolated, disconnect the air supply hose from
the air tool.
3. Shut down the compressor at the end of the work session and drain daily as
recommended.
STORAGE
If the tool is to be stored, or is idle for longer than 24 hours, run a few drops of
CLARKE air line oil into the air inlet, and run the tool for 5 seconds in order to
lubricate the internal parts.
Store the tool safely in its box in a dry, secure environment. When storing,
replace the blanking plug on the airline inlet once the airline has been
disconnected.
Avoid storing the air tool where the temperature is below 0oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16