Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RATCHET Fiches technique(PDF) 8 Page - Clarke International

No de pièce RATCHET
Description  ½”AIR RATCHET WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

RATCHET Fiches technique(HTML) 8 Page - Clarke International

Back Button RATCHET Datasheet HTML 4Page - Clarke International RATCHET Datasheet HTML 5Page - Clarke International RATCHET Datasheet HTML 6Page - Clarke International RATCHET Datasheet HTML 7Page - Clarke International RATCHET Datasheet HTML 8Page - Clarke International RATCHET Datasheet HTML 9Page - Clarke International RATCHET Datasheet HTML 10Page - Clarke International RATCHET Datasheet HTML 11Page - Clarke International RATCHET Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
SETTING THE DIRECTION OF ROTATION
To select the direction of rotation turn
the direction control as follows.
• For tightening bolts/nuts, turn
the direction control anti-
clockwise to F (Forward).
• For loosening bolts/nuts, turn the
direction control clockwise to R
(Reverse).
FITTING THE SOCKETS AND USING THE WRENCH
1. Select the socket required and
push it onto the square drive shaft.
• It clicks into place when secure.
2. Place the socket over the nut.
• Take care that the socket is
firmly engaged.
3. Squeeze the trigger against the
body of the tool to start.
4. Release the trigger to stop the tool.
5. ALWAYS ensure the tool has stopped before putting it down.
6. When releasing very tight fastenings initially break loose by hand. Squeeze
the trigger and the air tool will complete the job.
7. If necessary, use penetrating oil to assist in freeing off rusted fasteners.
8. When assembling, start turning fasteners by hand, then set the rotation
forward or reverse. Apply the tool gently and squeeze the trigger to tighten
with power.
9. Final tightening should be completed by hand to the required torque
values.
WARNING: ALWAYS WAIT UNTIL THE DRIVE SHAFT HAS STOPPED ROTATING
BEFORE SETTING THE DIRECTION OF ROTATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16