Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RATCHET Fiches technique(PDF) 4 Page - Clarke International

No de pièce RATCHET
Description  ½”AIR RATCHET WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

RATCHET Fiches technique(HTML) 4 Page - Clarke International

  RATCHET Datasheet HTML 1Page - Clarke International RATCHET Datasheet HTML 2Page - Clarke International RATCHET Datasheet HTML 3Page - Clarke International RATCHET Datasheet HTML 4Page - Clarke International RATCHET Datasheet HTML 5Page - Clarke International RATCHET Datasheet HTML 6Page - Clarke International RATCHET Datasheet HTML 7Page - Clarke International RATCHET Datasheet HTML 8Page - Clarke International RATCHET Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
• Moving to another work area.
13. DO NOT use the air tool if it is defective or operating abnormally.
14. Avoid damaging the air tool for example by applying excessive force of
any kind.
15. ALWAYS maintain the air tool with care. Keep it clean for the best and
safest performance.
16. Quick change couplings should not be located at the tool. They add
weight and could fail due to vibration.
17. DO NOT force or misuse the tool. It will do a better and safer job at the rate
for which it was designed.
18. This air tool vibrates with use. Vibration may be harmful to your hands or
arms. Stop using the tool if discomfort, a tingling feeling or pain occurs.
Seek medical advice before resuming use.
19. DO NOT carry the air tool by the air hose.
20. DO NOT carry the air tool with your finger on the trigger.
21. When not in use the air tool must be disconnected from the air supply and
stored in a dry place out of the reach of children.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16