| Moteur de recherche de fiches techniques de composants électroniques |
|
OPG2 Fiches technique(PDF) 125 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPG2 Fiches technique(HTML) 125 Page - ABB |
|
125 / 192 page ![]() — Accessories for manual switch-disconnectors OT160...4000 Dimensional drawings for pistol handles Minimum distance L between the hinge and the rotating shaft Sizes Length L Length L Handle type A mm in OT160...250_P 60 2.36 OH_65J_ OT315...400_P 95 3.74 OH_95J_ OT630...800_P 150 5.91 OH_125J_ OT1000...4000_P 274 10.79 OH_274J_ OT1000...4000_P 330 12.99 OH_330J_ L hinge shaft Handle type Shaft diameter B Length L Length L mm in OH_65J6 6 65 2.56 OH_80J6 6 80 3.15 OH_95J12 12 95 3.74 OH_125J12 12 125 4.92 OH_145J12 12 145 5.71 OH_175J12 12 175 6.89 OH_275J12 12 275 10.83 Plastic handles, type OH L B 36/1.42 45/1.77 Ø66/2.6 Door drilling for OH_ handles: Handle type Length L Length L mm in OH_274J12 274 10.79 OH_330J12 330 12.99 80/3.15 54/2.13 70/2.76 L Ø69,4 /27.32 mm/in Ø31/1.22 Ø5/0.2 45° OFF ON 53/2.09 mm/in Main dimensions mm, inches ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 125 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 125 |