| Moteur de recherche de fiches techniques de composants électroniques |
|
OPG2 Fiches technique(PDF) 115 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPG2 Fiches technique(HTML) 115 Page - ABB |
|
115 / 192 page ![]() ø10 0.39 260 10.24 A1 63 2.48 63 2.48 A B 164 6.46 82 3.23 50 1.97 270 10.64 43 1.69 50 1.97 A2 546 21.51 373 14.69 328 12.92 258 8.98 176 6.93 64,5 2.54 309 12.17 335 13.2 15 0.59 83 3.27 206 8.12 106 4.18 14 0.55 295 11.62 358...444/14.1...17.49 (OXP12x185) 80 3.15 70 2.76 54 2.13 274 10.79 12 0.47 ø 22 0.87 OT 1600-2000U_ [mm/in] 12 13 22 A 125/4.92 125/4.92 125/4.92 A1 230/9.06 230/9.06 230/9.06 A2 415/16.35 540/21.27 540/21.27 B 445/17.53 570/22.46 570/22.46 M00496/OT2000U12-22 A OT1600...2000U Mechanism between the poles — Manual switch-disconnectors OT160...4000 Dimensional drawings Front operated non-fusible disconnect switches OT200...2000, base mounting, UL/CSA Main dimensions mm, inches ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 115 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 115 |