Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPG2 Fiches technique(PDF) 108 Page - ABB

No de pièce OPG2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPG2 Fiches technique(HTML) 108 Page - ABB

Back Button OPG2 Datasheet HTML 104Page - ABB OPG2 Datasheet HTML 105Page - ABB OPG2 Datasheet HTML 106Page - ABB OPG2 Datasheet HTML 107Page - ABB OPG2 Datasheet HTML 108Page - ABB OPG2 Datasheet HTML 109Page - ABB OPG2 Datasheet HTML 110Page - ABB OPG2 Datasheet HTML 111Page - ABB OPG2 Datasheet HTML 112Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 192 page
background image
Front operated earthing switches OT1000...2500, with wide phase distance, bottom mounted, IEC
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
376,5
85
6
13,5
40
20
25
25
A
220
42
M4
206
100
120
48
B
223
57
B1
176
44
C2
232
72
A1
167
15
109,5
107
168
8
min 20
14
8
108
178
Ø 22
127
167
12
429...558
( OXP12x465 )
54
80
70
274
257
M07013/M00349/OT2500EM03 B
OT2000/2500EM_
[mm/in]
01
02
03
04
03W4
04W4
03W8
04W8
A 235,5/9,27
361,5/14,23
487,5/19,19 613,5/24,15 515,5/20,30 655,5/25,81 605,5/23,84
790,5/31,12
B
126/4,96
126/4,96
126/4,96
140/5,51
140/5,51
185/7,28
185/7,28
A196/3,78222/8,74348/13,70
474/18,66
376/14,80
516/20,31
466/18,35
651/25,63
B1126/4,96252/9,92378/14,88 504/19,84
406/15,98
546/21,50
496/19,53
681/26,81
C1
152/5,98
278/10,94
404/15,91
530/20,87
432/17,01
572/22,52
522/20,55
707/27,83
OT2000...2500EM_
Main dimensions mm, inches
OT2000/2500EM_
[mm/in]
01
02
03
04
03W4
04W4
03W8
04W8
A
235,5/9,27
361,5/14,23 487,5/19,19 613,5/24,15 515,5/20,30 655,5/25,81 605,5/23,84 790,5/31,12
B
126/4,96
126/4,96
126/4,96
140/5,51
140/5,51
185/7,28
185/7,28
A1
96/3,78
222/8,74
348/13,70
474/18,66
376/14,80
516/20,31
466/18,35
651/25,63
B1
126/4,96
252/9,92
378/14,88
504/19,84
406/15,98
546/21,50
496/19,53
681/26,81
C1
152/5,98
278/10,94
404/15,91
530/20,87
432/17,01
572/22,52
522/20,55
707/27,83
M07013/M00349/OT2500EM03 B
108
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
108
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More