| Moteur de recherche de fiches techniques de composants électroniques |
|
OPG2 Fiches technique(PDF) 177 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPG2 Fiches technique(HTML) 177 Page - ABB |
|
177 / 192 page ![]() Terminal clamp sets for Al- and Cu-cables Suitable for switches Cable cross section Suitable shroud type Terminal clamp type Order code Units/ type Weight/ unit mm² pcs kg OZXB type Al/Cu connectors made of stainless steel OTM1000...1600 95…185 OTS1600_L OZXB3 1SCA022136R8100 3 1.28 95…185 OTS1600_L OZXB3/1 1SCA022194R0620 1 0.13 2x(95…185) OTS1600_L OZXB4 1SCA022137R4760 3 1.71 2x(95…185) OTS1600_L OZXB4/1 1SCA022194R0890 1 0.60 120…300 OTS1600_L OZXB5 1SCA022137R2470 3 2.22 120…300 OTS1600_L OZXB5/1 1SCA022194R1010 1 0.80 2x(120…300) OTS1600_L OZXB6 1SCA022137R4920 3 3.03 2x(120…300) OTS1600_L OZXB6/1 1SCA022194R1270 1 1.00 120…240 OTS1600_L OZXB7L 1SCA022185R7130 3 1.20 120...240 OTS1600_L OZXB7L/1 1SCA022194R1600 1 0.39 OTM2000…2500 95…185 OTS2500_L OZXB3 1SCA022136R8100 3 1.28 95…185 OTS2500_L OZXB3/1 1SCA022194R0620 1 0.13 2x(95…185) OTS2500_L OZXB4 1SCA022137R4760 3 1.71 2x(95…185) OTS2500_L OZXB4/1 1SCA022194R0890 1 0.60 120…300 OTS2500_L OZXB5 1SCA022137R2470 3 2.22 120…300 OTS2500_L OZXB5/1 1SCA022194R1010 1 0.80 2x(120…300) OTS2500_L OZXB6 1SCA022137R4920 3 3.03 2x(120…300) OTS2500_L OZXB6/1 1SCA022194R1270 1 1.00 120…240 OTS2500_L OZXB7L 1SCA022185R7130 3 1.20 120...240 OTS2500_L OZXB7L/1 1SCA022194R1600 1 0.39 — Accessories for motorized switch-disconnectors Ordering information for terminal clamps OZXB4 OZXB5 OZXB6 OZXB7L OZXB3 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 177 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 177 |