| Moteur de recherche de fiches techniques de composants électroniques |
|
EPP-R7126 Fiches technique(PDF) 72 Page - ABB |
|
|
|||||||||||||||||||||||||||||
EPP-R7126 Fiches technique(HTML) 72 Page - ABB |
|
72 / 75 page ![]() 73 T 1 & T 1 P LUS T W I L I G H T S W I TC H CO N T R O L A N D AU TO M AT I O N - T EC H N I C A L FE AT U R E S Example of installation As shown in the diagrams, one of the possible options is to install a T1 PLUS twilight switch in the lighting system of a greenhouse. When the external light exceeds a certain level (for example during peak hours in the early afternoon) the twilight switch activates the roller blinds, protecting the plants in the greenhouse against burning by the strong sunlight. — When the external light returns to below the threshold value, the twilight switch relay opens the blinds to allow the sunlight to pass through. Operating principle The diagram shows an example of the installation of the T1 PLUS twilight switch in the lighting system of a greenhouse. When the external light exceeds a certain level (e.g. during the warmest hours of the day, i.e. early afternoon), the device activates the shading system, e.g. roller blinds. Thanks to the option to advance or delay the activation-deactivation time, the T1 PLUS can also maintain the roller blinds closed in the case of passing clouds. Application environments The installation of the T1 PLUS twilight switch is particularly useful in settings and situations where lighting control is required for locations where there are consistently high brightness values, thus guaranteeing substantial savings in energy consumption (greenhouses, arcades, photovoltaic plants, etc.). — 04 Required light levels — 05 Excessive light levels — T1 PLUS twilight switch — 04 — 05 N L N T1 PLUS T1 PLUS 1 3 AUXILIARY L1 LIGHTING AUXILIARY L1 N T1 PLUS sensor |