| Moteur de recherche de fiches techniques de composants électroniques |
|
EPP-R7126 Fiches technique(PDF) 15 Page - ABB |
|
|
|||||||||||||||||||||||||||||
EPP-R7126 Fiches technique(HTML) 15 Page - ABB |
|
15 / 75 page ![]() 15 Pluggable feature The pluggable feature of ABB OVR T1-T2, T2 and T2-T3 surge protective devices (SPDs) facilitates maintenance. Should one or more worn cartridges need to be replaced, the electrical circuit does not have to be isolated nor do the wires have to be removed. Active status indication The Furse ESP 415 CD40 offers three way LED status indication, showing full, reduced and no protection. It also notifies the user of loss of phase, loss of power and warning of excessive volts between N-E. K E Y M O D U L A R CO M P O N EN T S - OV R P LUS - A CO M P L E T E R A N G E FO R YO U R SU R G E P R OT EC T I O N Complete coordination The bi-directional cylindrical terminal block of the OVR Plus range allows a complete coordination with the ABB range with considerable time savings in wiring operations. All the devices allow connection through busbars, both from above and from below. Furse option for critical installations The Furse ESP 415 CD40 provides continuous operation of sensitive electronic systems in lightning intense environments, offering market-leading levels of protection, making it ideal for high-end applications, such as hospitals, data centres and automated process control systems. PLEASE SUPPLY IMAGE |