Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EPP-R7126 Fiches technique(PDF) 19 Page - ABB

No de pièce EPP-R7126
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

EPP-R7126 Fiches technique(HTML) 19 Page - ABB

Back Button EPP-R7126 Datasheet HTML 15Page - ABB EPP-R7126 Datasheet HTML 16Page - ABB EPP-R7126 Datasheet HTML 17Page - ABB EPP-R7126 Datasheet HTML 18Page - ABB EPP-R7126 Datasheet HTML 19Page - ABB EPP-R7126 Datasheet HTML 20Page - ABB EPP-R7126 Datasheet HTML 21Page - ABB EPP-R7126 Datasheet HTML 22Page - ABB EPP-R7126 Datasheet HTML 23Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
—
The quality of a Circuit Monitoring System is dependent on the
strengths of the individual components and how well they
interact. ABB’s CMS sets the bar particularly high. Regardless of
whether we’re talking compactness, technology, measurement
results, user friendliness or flexibility, every component and
every feature of this CMS has been fully optimized in terms of
practicality and functionality.
19
K E Y MOD UL A R COM P ON EN T S - C M S - C I R CUI T MON I TOR I NG S Y S T EM S
—
01
—
02
—
03
—
04
Connection technology
Connecting the sensors to the
Control Unit is extremely
simple and requires no special
tools. All sensors are
connected to the Control Unit
by means of a flexible flat
cable and insulation
displacement connectors. The
positioning of sensors is fully
customizable so that they sit
exactly where a measurement
is required.
Sensors
The CMS sensors form the heart of the
system and they can be mounted
anywhere without any problem.
Initializing the sensors is also child’s
play, with the desired identifier being
assigned to each individual sensor via
the control unit in just a few simple
steps. The entire configuration and
commissioning procedure takes just a
matter of minutes. All measurement
functions are available immediately
following initialization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75