Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM11 Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce STPM11
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11 Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button STPM11_08 Datasheet HTML 37Page - STMicroelectronics STPM11_08 Datasheet HTML 38Page - STMicroelectronics STPM11_08 Datasheet HTML 39Page - STMicroelectronics STPM11_08 Datasheet HTML 40Page - STMicroelectronics STPM11_08 Datasheet HTML 41Page - STMicroelectronics STPM11_08 Datasheet HTML 42Page - STMicroelectronics STPM11_08 Datasheet HTML 43Page - STMicroelectronics STPM11_08 Datasheet HTML 44Page - STMicroelectronics STPM11_08 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
STPM11/12/13/14
Package mechanical data
43/45
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N60
2.362
T
22.4
0.882
Ao
6.8
7
0.268
0.276
Bo
6.9
7.1
0.272
0.280
Ko
1.7
1.9
0.067
0.075
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & reel TSSOP20 mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45