Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM11 Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce STPM11
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11 Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button STPM11_08 Datasheet HTML 32Page - STMicroelectronics STPM11_08 Datasheet HTML 33Page - STMicroelectronics STPM11_08 Datasheet HTML 34Page - STMicroelectronics STPM11_08 Datasheet HTML 35Page - STMicroelectronics STPM11_08 Datasheet HTML 36Page - STMicroelectronics STPM11_08 Datasheet HTML 37Page - STMicroelectronics STPM11_08 Datasheet HTML 38Page - STMicroelectronics STPM11_08 Datasheet HTML 39Page - STMicroelectronics STPM11_08 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Energy calculation algorithm
STPM11/12/13/14
36/45
[
[Eq. 11]
The signals process flow is the same as shown in the previous case, and even with the
formulas above, the result is the same.
The absence of any AC component allows a very fast calibration procedure. Averaging the
readings of several line periods is not needed. The active energy measurement is already
stable after one line cycle. Moreover the digital calibration allows saving time and space
compared to the hardware calibration made with resistor strings.
)
sin(
)
(
)
(
)
(
ϕ
ω+
⋅
−
=
=
⋅
′
=
′′
∫
t
I
t
i
dt
t
i
t
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45