Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM11 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce STPM11
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button STPM11_08 Datasheet HTML 37Page - STMicroelectronics STPM11_08 Datasheet HTML 38Page - STMicroelectronics STPM11_08 Datasheet HTML 39Page - STMicroelectronics STPM11_08 Datasheet HTML 40Page - STMicroelectronics STPM11_08 Datasheet HTML 41Page - STMicroelectronics STPM11_08 Datasheet HTML 42Page - STMicroelectronics STPM11_08 Datasheet HTML 43Page - STMicroelectronics STPM11_08 Datasheet HTML 44Page - STMicroelectronics STPM11_08 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
STPM11/12/13/14
Package mechanical data
41/45
11
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45