Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSC8103 Fiches technique(PDF) 2 Page - Freescale Semiconductor, Inc

No de pièce MSC8103
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103 Fiches technique(HTML) 2 Page - Freescale Semiconductor, Inc

  MSC8103 Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
ii
Freescale Semiconductor
Table of Contents
MSC8103 Features .................................................................................................................................................................................... iii
Target Applications .....................................................................................................................................................................................iv
Product Documentation ..............................................................................................................................................................................iv
Chapter 1
Signals/Connections
1.1
Power Signals......................................................................................................................................................................... 1-4
1.2
Clock Signals ......................................................................................................................................................................... 1-4
1.3
Reset, Configuration, and EOnCE Event Signals .................................................................................................................. 1-5
1.4
System Bus, HDI16, and Interrupt Signals............................................................................................................................ 1-6
1.5
Memory Controller Signals ................................................................................................................................................. 1-13
1.6
CPM Ports............................................................................................................................................................................ 1-15
1.7
JTAG Test Access Port Signals............................................................................................................................................ 1-36
1.8
Reserved Signals .................................................................................................................................................................. 1-36
Chapter 2
Physical and Electrical Specifications
2.1
Absolute Maximum Ratings .................................................................................................................................................. 2-1
2.2
Recommended Operating Conditions .................................................................................................................................... 2-2
2.3
Thermal Characteristics ......................................................................................................................................................... 2-2
2.4
DC Electrical Characteristics................................................................................................................................................. 2-3
2.5
Clock Configuration............................................................................................................................................................... 2-4
2.6
AC Timings ............................................................................................................................................................................ 2-7
Chapter 3
Packaging
3.1
FC-PBGA Package Description............................................................................................................................................. 3-1
3.2
Lidded FC-PBGA Package Mechanical Drawing ............................................................................................................... 3-31
Chapter 4
Design Considerations
4.1
Thermal Design Considerations............................................................................................................................................. 4-1
4.2
Electrical Design Considerations........................................................................................................................................... 4-1
4.3
Power Considerations ............................................................................................................................................................ 4-2
4.4
Layout Practices..................................................................................................................................................................... 4-3
Ordering and Contact Information ............................................................................................................................... Back Cover
Data Sheet Conventions
pin and pin-
out
Although the device package does not have pins, the term pins and pin-out are used for
convenience and indicate specific signal locations within the ball-grid array.
OVERBAR
Used to indicate a signal that is active when pulled low (For example, the RESET pin is active
when low.)
“asserted”
Means that a high true (active high) signal is high or that a low true (active low) signal is low
“deasserted”
Means that a high true (active high) signal is low or that a low true (active low) signal is high
Examples:
Signal/Symbol
Logic State
Signal State
Voltage
PIN
True
Asserted
VIL/VOL
PIN
False
Deasserted
VIH/VOH
PIN
True
Asserted
VIH/VOH
PIN
False
Deasserted
VIL/VOL
Note:
Values for VIL, VOL, VIH, and VOH are defined by individual product specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More