| Moteur de recherche de fiches techniques de composants électroniques |
|
MSC8103 Fiches technique(PDF) 78 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8103 Fiches technique(HTML) 78 Page - Freescale Semiconductor, Inc |
|
78 / 104 page ![]() MSC8103 Network Digital Signal Processor, Rev. 11 3-12 Freescale Semiconductor Packaging IRQ1 D18 IRQ2 C19 IRQ2 D4 IRQ2 V11 IRQ3 B2 IRQ3 C18 IRQ3 H14 IRQ4 C3 IRQ5 A2 IRQ5 H13 IRQ6 D5 IRQ7 F6 IRQ7 W11 L1RSYNC for SI1 TDMA1 T11 L1RSYNC for SI2 TDMB2 K4 L1RSYNC for SI2 TDMC2 P3 L1RSYNC for SI2 TDMD2 P5 L1RXD for SI1 TDMA1 Serial U10 L1RXD for SI2 TDMB2 H1 L1RXD for SI2 TDMC2 M3 L1RXD for SI2 TDMD2 T2 L1RXD0 for SI1 TDMA1 Nibble U10 L1RXD1 for SI1 TDMA1 Nibble T2 L1RXD2 for SI1 TDMA1 Nibble V1 L1RXD3 for SI1 TDMA1 Nibble P3 L1TSYNC for SI1 TDMA1 V10 L1TSYNC for SI2 TDMB2 L2 L1TSYNC for SI2 TDMC2 N3 L1TSYNC for SI2 TDMD2 T1 L1TXD for SI1 TDMA1 Serial W9 L1TXD for SI2 TDMB2 H4 L1TXD for SI2 TDMC2 M1 L1TXD for SI2 TDMD2 V1 L1TXD0 for SI1 TDMA1 Nibble W9 Table 3-1. MSC8103 Signal Listing By Name (Continued) Signal Name Number |