Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSC8103 Fiches technique(PDF) 85 Page - Freescale Semiconductor, Inc

No de pièce MSC8103
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103 Fiches technique(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MSC8103 Datasheet HTML 81Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 82Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 83Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 84Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 85Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 86Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 87Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 88Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 104 page
background image
FC-PBGA Package Description
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
3-19
TGATE1
H3
TGATE2
L7
THERM1
C1
THERM2
D3
TIN1/TOUT2
L3
TIN2
K3
TIN3/TOUT4
P1
TIN4
N1
TMCLK
M2
TMS
G2
TOUT1
J3
TOUT3
M2
TRST
G3
TS
T13
TSIZ0
V13
TSIZ1
W13
TSIZ2
W12
TSIZ3
N11
TT0
N13
TT1
N12
TT2
U14
TT3
V14
TT4
W14
TX_EN for FCC1 MII
K1
TX_EN for FCC2 MII
K4
TX_ER for FCC1 MII
J1
TX_ER for FCC2 MII
H4
TXADDR0 for FCC1 UTOPIA 8
V3
TXADDR1 for FCC1 UTOPIA 8
T5
TXADDR2 for FCC1 UTOPIA 8
T10
TXADDR2 for FCC1 UTOPIA 8
T10
TXADDR3 for FCC1 UTOPIA 8
V9
TXADDR4 for FCC1 UTOPIA 8
V2
TXCLAV for FCC1 UTOPIA 8
J7
Table 3-1.
MSC8103 Signal Listing By Name (Continued)
Signal Name
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More