Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW81103AT Fiches technique(PDF) 50 Page - STMicroelectronics

No de pièce STW81103AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103AT Fiches technique(HTML) 50 Page - STMicroelectronics

Back Button STW81103AT Datasheet HTML 45Page - STMicroelectronics STW81103AT Datasheet HTML 46Page - STMicroelectronics STW81103AT Datasheet HTML 47Page - STMicroelectronics STW81103AT Datasheet HTML 48Page - STMicroelectronics STW81103AT Datasheet HTML 49Page - STMicroelectronics STW81103AT Datasheet HTML 50Page - STMicroelectronics STW81103AT Datasheet HTML 51Page - STMicroelectronics STW81103AT Datasheet HTML 52Page - STMicroelectronics STW81103AT Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 53 page
background image
Package mechanical data
STW81103
50/53
10
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages, which have a lead-free second level interconnect. The category of second level
interconnect is marked on the package and on the inner box label, in compliance with
JEDEC standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: http://www.st.com.
Figure 40.
VFQFPN28 mechanical drawing
Note:
1
VFQFPN stands for Thermally Enhanced Very thin Fine pitch Quad Flat Package No lead.
(Very thin: A=1.00 Max)
2
Details of the terminal 1 identifier are optional, but if given, must be located on the top
surface of the package by using either a mold or marked features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53