Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW81103AT Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STW81103AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103AT Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STW81103AT Datasheet HTML 27Page - STMicroelectronics STW81103AT Datasheet HTML 28Page - STMicroelectronics STW81103AT Datasheet HTML 29Page - STMicroelectronics STW81103AT Datasheet HTML 30Page - STMicroelectronics STW81103AT Datasheet HTML 31Page - STMicroelectronics STW81103AT Datasheet HTML 32Page - STMicroelectronics STW81103AT Datasheet HTML 33Page - STMicroelectronics STW81103AT Datasheet HTML 34Page - STMicroelectronics STW81103AT Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
STW81103
I2C bus interface
31/53
Figure 25.
Ack
Table 15.
Start and stop timing specifications
Symbol
Parameter
Minimum time
Units
tstart
Clock to data start time
2
ns
tstop
Data to clock down stop time
2
ns
Table 16.
Ack timing specifications
Symbol
Parameter
Minimum time
Units
td1
Ack begin delay
2
ns
td2
Ack end delay
2
ns
SCL
SDA
t d1
t d2
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53