Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW81103AT Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce STW81103AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103AT Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button STW81103AT Datasheet HTML 34Page - STMicroelectronics STW81103AT Datasheet HTML 35Page - STMicroelectronics STW81103AT Datasheet HTML 36Page - STMicroelectronics STW81103AT Datasheet HTML 37Page - STMicroelectronics STW81103AT Datasheet HTML 38Page - STMicroelectronics STW81103AT Datasheet HTML 39Page - STMicroelectronics STW81103AT Datasheet HTML 40Page - STMicroelectronics STW81103AT Datasheet HTML 41Page - STMicroelectronics STW81103AT Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
SPI digital interface
STW81103
38/53
7.3
Bit tables
Table 22.
Bits at 00h and ST1
Serial interface address = 00h
Register name = ST1
Bit
Name
Description
[23]
R9
Reference clock divider ratio
[22]
R8
[21]
R7
[20]
R6
[19]
R5
[18]
R4
[17]
R3
[16]
R2
[15]
R1
[14]
R0
[13]
PLL_A1
VCO amplitude control
[12]
PLL_A0
[11]
CPSEL2
Charge pump output current control
[10]
CPSEL1
[9]
CPSEL0
[8]
PSC_SEL
Prescaler modulus select (0 for P=16, 1 for P=19)
[7]
INITCAL
For test purposes only; must be set to 0
[6]
SERCAL
Enable VCO calibration (see
Section 7.4)
[5]
SELEXTCAL
For test purposes only; must be set to ‘0’
[4]
CAL4
For test purposes only; must be set to ‘0’
[3]
CAL3
[2]
CAL2
[1]
CAL1
[0]
CAL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53