Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA027 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 31Page - STMicroelectronics STA027 Datasheet HTML 32Page - STMicroelectronics STA027 Datasheet HTML 33Page - STMicroelectronics STA027 Datasheet HTML 34Page - STMicroelectronics STA027 Datasheet HTML 35Page - STMicroelectronics STA027 Datasheet HTML 36Page - STMicroelectronics STA027 Datasheet HTML 37Page - STMicroelectronics STA027 Datasheet HTML 38Page - STMicroelectronics STA027 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
STA027
5 Register description
CD00066274
35/44
5.10.5 MIX_DRB:
Address : 0x7F (127)
Type : RW - ABO
Software Reset : 0
Description :
This register specifies the rigth attenuation (in dB) on left channel.
5.11
TONE_CONFIGURATION registers description
5.11.1 TONE_ON:
Address : 0x75 (117)
Type : RW - ABO
Software Reset : 0
Description :
This register enables/diseables (1/0) the tone control.
5.11.2 TONE_FCUTH :
Address : 0x76 (118)
Type : RW - ABO
Software Reset : 20
Description :
This register specifies the high cut frequency: fcut(in Hz)=(TONE_FCUTH+1)*50.
5.11.3 TONE_FCUTL :
Address : 0x77 (119)
Type : RW - ABO
Software Reset : 10
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44