| Moteur de recherche de fiches techniques de composants électroniques |
|
STA027 Fiches technique(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA027 Fiches technique(HTML) 34 Page - STMicroelectronics |
|
34 / 44 page ![]() 5 Register description STA027 34/44 CD00066274 Description : This register selectes the mode of mix/volume control Table 20. : 5.10.2 MIX_DLA: Address : 0x7C (124) Type : RW - ABO Software Reset : 0 Description : This register specifies the direct left attenuation (in dB). 5.10.3 MIX_DLB: Address : 0x7D (125) Type : RW - ABO Software Reset : 0 Description : This register specifies the left attenuation (in dB) on rigth channel. 5.10.4 MIX_DRA: Address : 0x7E (126) Type : RW - ABO Software Reset : 0 Description : This register specifies the direct right attenuation (in dB). Value Mode 0 diseable mix/volume control 1 volume control 2 mono to stereo (up-mix) 3 stereo to mono (down-mix) b7 b6 b5 b4 b3 b2 b1 b0 b7 b6 b5 b4 b3 b2 b1 b0 b7 b6 b5 b4 b3 b2 b1 b0 |