Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS6624P0LP Fiches technique(PDF) 80 Page - STMicroelectronics

No de pièce VS6624P0LP
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Fiches technique(HTML) 80 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 76Page - STMicroelectronics VS6624P0LP Datasheet HTML 77Page - STMicroelectronics VS6624P0LP Datasheet HTML 78Page - STMicroelectronics VS6624P0LP Datasheet HTML 79Page - STMicroelectronics VS6624P0LP Datasheet HTML 80Page - STMicroelectronics VS6624P0LP Datasheet HTML 81Page - STMicroelectronics VS6624P0LP Datasheet HTML 82Page - STMicroelectronics VS6624P0LP Datasheet HTML 83Page - STMicroelectronics VS6624P0LP Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 106 page
background image
Register map
VL6624/VS6624
80/106
Output formatter control
Table 39.
Output formatter control
Index
OutputFormatterControl(1)
0x2580
bCodeCheckEn
Default value
0x07
Type
BYTE
0x2582
bBlankFormat
Default value
0x00
Type
BYTE
0x2584
bSyncCodeSetup
Default value
0x01
Type
CODED
flag bits
[0] SyncCodeSetup_ins_code_en - set for embedded sync codes.
[1] SyncCodeSetup_frame_mode - 0 for ITU. 1 for mode2
[2] SyncCodeSetup_field_bit
[3] SyncCodeSetup_field_tag
[4] SyncCodeSetup_field_load
0x2586
bHSyncSetup
Default value
0x0b
Type
CODED
flag bits
[0] HSyncSetup_sync_en
[1] HSyncSetup_sync_pol
[2] HSyncSetup_only_activelines
[3] HSyncSetup_track_henv
0x2588
bVSyncSetup
Default value
0x07
Type
CODED
flag bits
[0] VSyncSetup_sync_en
[1] VSyncSetup_pol
[2] VSyncSetup_2_sel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More