Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS6624P0LP Fiches technique(PDF) 74 Page - STMicroelectronics

No de pièce VS6624P0LP
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Fiches technique(HTML) 74 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 70Page - STMicroelectronics VS6624P0LP Datasheet HTML 71Page - STMicroelectronics VS6624P0LP Datasheet HTML 72Page - STMicroelectronics VS6624P0LP Datasheet HTML 73Page - STMicroelectronics VS6624P0LP Datasheet HTML 74Page - STMicroelectronics VS6624P0LP Datasheet HTML 75Page - STMicroelectronics VS6624P0LP Datasheet HTML 76Page - STMicroelectronics VS6624P0LP Datasheet HTML 77Page - STMicroelectronics VS6624P0LP Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 106 page
background image
Register map
VL6624/VS6624
74/106
0x219b (MSByte)
0x219c (LSByte)
w2_0
Default value
0x00
Purpose
Row 2 Column 0 of YUV matrix
Type
UINT_16
0x21a0 (MSByte)
0x219f (LSByte)
w2_1
Default value
0x00
Purpose
Row 2 Column 1 of YUV matrix
Type
UINT_16
0x21a3 (MSByte)
0x21a4 (LSByte)
w2_2
Default value
0x00
Purpose
Row 2 Column 2 of YUV matrix
Type
UINT_16
0x21a7 (MSByte)
0x21a8 (LSByte)
YinY
Default value
0x00
Purpose
Y in Y
Type
UINT_16
0x21ab (MSByte)
0x21ac (LSByte)
YinCb
Default value
0x00
Purpose
Y in Cb
Type
UINT_16
0x21b0 (MSByte)
0x21af (LSByte)
YinCr
Default value
0x00
Purpose
Y in Cr
Type
UINT_16
1.
Can be controlled in all stable states
Table 34.
Pipe0 RGB to YUV matrix manual control
Index
Pipe0RGB to YUV matrix (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More