| Moteur de recherche de fiches techniques de composants électroniques |
|
VS6624P0LP Fiches technique(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624P0LP Fiches technique(HTML) 72 Page - STMicroelectronics |
|
72 / 106 page ![]() Register map VL6624/VS6624 72/106 0x2014 bUserPeakHiThresh Default value 0x30 Purpose adjust maximum gain that can be applied. range: 0 - 63 Type BYTE 0x2017 (MSByte) 0x2018 (LSByte) fpDamperLowThreshold_Coring Default value 0x624a (300032) Purpose Low Threshold for exposure for calculating the damper slope - for coring Type FLOAT 0x201b (MSByte) 0x201c (LSByte) fpDamperHighThreshold_Coring Default value 0x656f (900096) Purpose High Threshold for exposure for calculating the damper slope - for coring Type FLOAT 0x201f (MSByte) 0x2020 (LSByte) fpMinimumDamperOutput_Coring Default value 0x3a00 (0.2500) Purpose Minimum possible damper output for the Coring. Type FLOAT 1. Can be controlled in all stable states Table 33. Peaking control Index Peaking control(1) |