Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F429NE Fiches technique(PDF) 66 Page - STMicroelectronics

No de pièce STM32F429NE
Description  32b Arm® Cortex®-M4 MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 com. interfaces, camera & LCD-TFT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NE Fiches technique(HTML) 66 Page - STMicroelectronics

Back Button STM32F429NE Datasheet HTML 62Page - STMicroelectronics STM32F429NE Datasheet HTML 63Page - STMicroelectronics STM32F429NE Datasheet HTML 64Page - STMicroelectronics STM32F429NE Datasheet HTML 65Page - STMicroelectronics STM32F429NE Datasheet HTML 66Page - STMicroelectronics STM32F429NE Datasheet HTML 67Page - STMicroelectronics STM32F429NE Datasheet HTML 68Page - STMicroelectronics STM32F429NE Datasheet HTML 69Page - STMicroelectronics STM32F429NE Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 240 page
background image
Pinouts and pin description
STM32F427xx STM32F429xx
66/240
DS9405 Rev 12
72 105 E12 A15 124 D3 147 A15
PA13
(JTMS-
SWDIO)
I/O FT
-
JTMS-SWDIO,
EVENTOUT
-
73 106 D12 F13 125 D1 148 E11
VCAP_2
S-
-
-
74 107 J10
F12 126 D2 149 F10
VSS
S-
-
-
75 108
H4
G13 127 C1 150 F11
VDD
S-
-
-
-
-
D13 E12 128
-
151 E12
PH13
I/O FT
-
TIM8_CH1N,
CAN1_TX, FMC_D21,
LCD_G2, EVENTOUT
-
-
-
C13 E13 129
-
152 E13
PH14
I/O FT
-
TIM8_CH2N,
FMC_D22, DCMI_D4,
LCD_G3, EVENTOUT
-
-
-
C12 D13 130
-
153 D13
PH15
I/O FT
-
TIM8_CH3N,
FMC_D23, DCMI_D11,
LCD_G4, EVENTOUT
-
-
-
B13 E14 131
-
154 E14
PI0
I/O FT
-
TIM5_CH4,
SPI2_NSS/I2S2_WS(8),
FMC_D24, DCMI_D13,
LCD_G5, EVENTOUT
-
-
-
C11 D14 132
-
155 D14
PI1
I/O FT
-
SPI2_SCK/I2S2_CK(8),
FMC_D25, DCMI_D8,
LCD_G6, EVENTOUT
-
-
-
B12 C14 133
-
156 C14
PI2
I/O FT
-
TIM8_CH4,
SPI2_MISO,
I2S2ext_SD,
FMC_D26, DCMI_D9,
LCD_G7, EVENTOUT
-
-
-
A12 C13 134
-
157 C13
PI3
I/O FT
-
TIM8_ETR,
SPI2_MOSI/I2S2_SD,
FMC_D27, DCMI_D10,
EVENTOUT
-
--
D11
D9
135 F5
-
F9
VSS
S-
-
-
-
-
D3
C9
136 A1 158 E10
VDD
S-
-
-
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function
after reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More