Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F429NE Fiches technique(PDF) 65 Page - STMicroelectronics

No de pièce STM32F429NE
Description  32b Arm® Cortex®-M4 MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 com. interfaces, camera & LCD-TFT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NE Fiches technique(HTML) 65 Page - STMicroelectronics

Back Button STM32F429NE Datasheet HTML 61Page - STMicroelectronics STM32F429NE Datasheet HTML 62Page - STMicroelectronics STM32F429NE Datasheet HTML 63Page - STMicroelectronics STM32F429NE Datasheet HTML 64Page - STMicroelectronics STM32F429NE Datasheet HTML 65Page - STMicroelectronics STM32F429NE Datasheet HTML 66Page - STMicroelectronics STM32F429NE Datasheet HTML 67Page - STMicroelectronics STM32F429NE Datasheet HTML 68Page - STMicroelectronics STM32F429NE Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 240 page
background image
DS9405 Rev 12
65/240
STM32F427xx STM32F429xx
Pinouts and pin description
85
64
97
F10 G15 116
F3 139 G15
PC7
I/O FT
-
TIM3_CH2, TIM8_CH2,
I2S3_MCK,
USART6_RX,
SDIO_D7, DCMI_D1,
LCD_G6, EVENTOUT
-
65
98
F11 G14 117
E4 140 G14
PC8
I/O FT
-
TIM3_CH3, TIM8_CH3,
USART6_CK,
SDIO_D0, DCMI_D2,
EVENTOUT
-
66
99
F12 F14 118
E3 141 F14
PC9
I/O FT
-
MCO2, TIM3_CH4,
TIM8_CH4, I2C3_SDA,
I2S_CKIN, SDIO_D1,
DCMI_D3, EVENTOUT
-
67 100 E13 F15 119
F1 142 F15
PA8
I/O FT
-
MCO1, TIM1_CH1,
I2C3_SCL,
USART1_CK,
OTG_FS_SOF,
LCD_R6, EVENTOUT
-
68 101
E8
E15 120 E2 143 E15
PA9
I/O FT
-
TIM1_CH2,
I2C3_SMBA,
USART1_TX,
DCMI_D0, EVENTOUT
OTG_FS_
VBUS
69 102
E9
D15 121 D5 144 D15
PA10
I/O FT
-
TIM1_CH3,
USART1_RX,
OTG_FS_ID,
DCMI_D1, EVENTOUT
-
70 103 E10 C15 122 D4 145 C15
PA11
I/O FT
-
TIM1_CH4,
USART1_CTS,
CAN1_RX, LCD_R4,
OTG_FS_DM,
EVENTOUT
-
71 104 E11 B15 123 E1 146 B15
PA12
I/O FT
-
TIM1_ETR,
USART1_RTS,
CAN1_TX, LCD_R5,
OTG_FS_DP,
EVENTOUT
-
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function
after reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More