| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F429NE Fiches technique(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F429NE Fiches technique(HTML) 61 Page - STMicroelectronics |
|
61 / 240 page ![]() DS9405 Rev 12 61/240 STM32F427xx STM32F429xx Pinouts and pin description 85 47 69 L9 R12 79 M3 90 P12 PB10 I/O FT - TIM2_CH3, I2C2_SCL, SPI2_SCK/I2S2_CK, USART3_TX, OTG_HS_ULPI_D3, ETH_MII_RX_ER, LCD_G4, EVENTOUT - 48 70 M9 R13 80 N3 91 R13 PB11 I/O FT - TIM2_CH4, I2C2_SDA, USART3_RX, OTG_HS_ULPI_D4, ETH_MII_TX_EN/ETH_ RMII_TX_EN, LCD_G5, EVENTOUT - 49 71 N9 M10 81 N2 92 L11 VCAP_1 S- - - - -- - - - H2 93 K9 VSS S- - - - 50 72 F8 N10 82 J6 94 L10 VDD S- - - - - - - - - - 95 M14 PJ5 I/O - - LCD_R6, EVENTOUT - - - N10 M11 83 - 96 P13 PH6 I/O FT - I2C2_SMBA, SPI5_SCK, TIM12_CH1, ETH_MII_RXD2, FMC_SDNE1, DCMI_D8, EVENTOUT - - - M10 N12 84 - 97 N13 PH7 I/O FT - I2C3_SCL, SPI5_MISO, ETH_MII_RXD3, FMC_SDCKE1, DCMI_D9, EVENTOUT - - - L10 M12 85 - 98 P14 PH8 I/O FT - I2C3_SDA, FMC_D16, DCMI_HSYNC, LCD_R2, EVENTOUT - - - K10 M13 86 - 99 N14 PH9 I/O FT - I2C3_SMBA, TIM12_CH2, FMC_D17, DCMI_D0, LCD_R3, EVENTOUT - - - N11 L13 87 - 100 P15 PH10 I/O FT - TIM5_CH1, FMC_D18, DCMI_D1, LCD_R4, EVENTOUT - Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |