| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F427II Fiches technique(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427II Fiches technique(HTML) 63 Page - STMicroelectronics |
|
63 / 240 page ![]() DS9405 Rev 12 63/240 STM32F427xx STM32F429xx Pinouts and pin description 85 54 76 L13 R15 95 J3 107 R15 PB15 I/O FT - RTC_REFIN, TIM1_CH3N, TIM8_CH3N, SPI2_MOSI/I2S2_SD, TIM12_CH2, OTG_HS_DP, EVENTOUT - 55 77 L12 P15 96 L2 108 L15 PD8 I/O FT - USART3_TX, FMC_D13, EVENTOUT - 56 78 K13 P14 97 M1 109 L14 PD9 I/O FT - USART3_RX, FMC_D14, EVENTOUT - 57 79 K11 N15 98 H4 110 K15 PD10 I/O FT - USART3_CK, FMC_D15, LCD_B3, EVENTOUT - 58 80 H10 N14 99 K2 111 N10 PD11 I/O FT - USART3_CTS, FMC_A16, EVENTOUT - 59 81 J13 N13 100 H6 112 M10 PD12 I/O FT - TIM4_CH1, USART3_RTS, FMC_A17, EVENTOUT - 60 82 K12 M15 101 H5 113 M11 PD13 I/O FT - TIM4_CH2, FMC_A18, EVENTOUT - -83 - - 102 - 114 J10 VSS S- - - - 84 F7 J13 103 L1 115 J11 VDD S- - - 61 85 H11 M14 104 J2 116 L12 PD14 I/O FT - TIM4_CH3, FMC_D0, EVENTOUT - 62 86 J12 L14 105 K1 117 K13 PD15 I/O FT - TIM4_CH4, FMC_D1, EVENTOUT - - - - - - - 118 K12 PJ6 I/O FT - LCD_R7, EVENTOUT - - - - - - - 119 J12 PJ7 I/O FT - LCD_G0, EVENTOUT - - - - - - - 120 H12 PJ8 I/O FT - LCD_G1, EVENTOUT - - - - - - - 121 J13 PJ9 I/O FT - LCD_G2, EVENTOUT - - - - - - - 122 H13 PJ10 I/O FT - LCD_G3, EVENTOUT - - - - - - - 123 G12 PJ11 I/O FT - LCD_G4, EVENTOUT - Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |