| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F427II Fiches technique(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427II Fiches technique(HTML) 55 Page - STMicroelectronics |
|
55 / 240 page ![]() DS9405 Rev 12 55/240 STM32F427xx STM32F429xx Pinouts and pin description 85 -- F4 F3 15 E10 15 F4 VDD S- - - - -10 F2 E2 16 F11 16 D2 PF0 I/O FT - I2C2_SDA, FMC_A0, EVENTOUT - -11 F3 H3 17 E9 17 E2 PF1 I/O FT - I2C2_SCL, FMC_A1, EVENTOUT - - 12 G5 H2 18 F10 18 G2 PF2 I/O FT - I2C2_SMBA, FMC_A2, EVENTOUT - -- - - - - 19 E3 PI12 I/O FT - LCD_HSYNC, EVENTOUT - -- - - - - 20 G3 PI13 I/O FT - LCD_VSYNC, EVENTOUT - - - - - - - 21 H3 PI14 I/O FT LCD_CLK, EVENTOUT - -13 G4 J2 19 G11 22 H2 PF3 I/O FT (6) FMC_A3, EVENTOUT ADC3_IN9 -14 G3 J3 20 F9 23 J2 PF4 I/O FT (6) FMC_A4, EVENTOUT ADC3_ IN14 - 15H3 K3 21 F8 24K3 PF5 I/O FT (6) FMC_A5, EVENTOUT ADC3_ IN15 10 16 G7 G2 22 H7 25 H6 VSS S- - - - 11 17 G8 G3 23 - 26 H5 VDD S- - - - -18 NC (3) K2 24 G10 27 K2 PF6 I/O FT (6) TIM10_CH1, SPI5_NSS, SAI1_SD_B, UART7_Rx, FMC_NIORD, EVENTOUT ADC3_IN4 -19 NC (3) K1 25 F7 28 K1 PF7 I/O FT (6) TIM11_CH1, SPI5_SCK, SAI1_MCLK_B, UART7_Tx, FMC_NREG, EVENTOUT ADC3_IN5 Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |