| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F427II Fiches technique(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427II Fiches technique(HTML) 62 Page - STMicroelectronics |
|
62 / 240 page ![]() Pinouts and pin description STM32F427xx STM32F429xx 62/240 DS9405 Rev 12 - - M11 L12 88 - 101 N15 PH11 I/O FT - TIM5_CH2, FMC_D19, DCMI_D2, LCD_R5, EVENTOUT - - - L11 K12 89 - 102 M15 PH12 I/O FT - TIM5_CH3, FMC_D20, DCMI_D3, LCD_R6, EVENTOUT - -- E7 H12 90 - - K10 VSS S- - - - - - H8 J12 91 - 103 K11 VDD S- - - - 51 73 N12 P12 92 M2 104 L13 PB12 I/O FT - TIM1_BKIN, I2C2_SMBA, SPI2_NSS/I2S2_WS, USART3_CK, CAN2_RX, OTG_HS_ULPI_D5, ETH_MII_TXD0/ETH_ RMII_TXD0, OTG_HS_ID, EVENTOUT - 52 74 M12 P13 93 N1 105 K14 PB13 I/O FT - TIM1_CH1N, SPI2_SCK/I2S2_CK, USART3_CTS, CAN2_TX, OTG_HS_ULPI_D6, ETH_MII_TXD1/ETH_ RMII_TXD1, EVENTOUT OTG_HS_ VBUS 53 75 M13 R14 94 K3 106 R14 PB14 I/O FT - TIM1_CH2N, TIM8_CH2N, SPI2_MISO, I2S2ext_SD, USART3_RTS, TIM12_CH1, OTG_HS_DM, EVENTOUT - Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |