Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS2101 Fiches technique(PDF) 33 Page - Agilent(Hewlett-Packard)

No de pièce FS2101
Description  LOCAL BUS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

FS2101 Fiches technique(HTML) 33 Page - Agilent(Hewlett-Packard)

Back Button FS2101 Datasheet HTML 29Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 30Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 31Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 32Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 33Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 34Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 35Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 36Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 37Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
33
Timing Analysis
The following procedure describes the major steps required to
perform timing analysis measurements with the PCI Active
Analysis Probe module.
1.
Set the State/Timing switch to TIMING. The State LED
will be doused. See page 10 of this manual for details on
the front panel switches.
2.
After removing the probe tip assemblies, plug the logic
analyzer cables into the Analysis Probe cable headers.
See pages 12 and 13 of this manual for details.
3.
Power down the PCI target. Install the PCI Active
Analysis Probe module into a slot in the non-powered
target PCI Local bus. Then power up the target.
4.
Load the logic analyzer configuration file by loading the
appropriate file from the Analysis Probe interface
diskette. See pages 16 and 17 of this manual for
details.
Since the PCI Active Analysis Probe contains active input
buffers it introduces skew to the PCI Local Bus signals. The
skew is as follows:
•
Any PCI bus signal to the PCI clock -1.0 to +2.3ns maximum
•
Any PCI bus signal to any other PCI bus signal 2.1ns
maximum
Installation Quick
Reference
Timing Mode Skew



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48