| Moteur de recherche de fiches techniques de composants électroniques |
|
FS2101 Fiches technique(PDF) 7 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
FS2101 Fiches technique(HTML) 7 Page - Agilent(Hewlett-Packard) |
|
7 / 48 page ![]() 7 Introduction The PCI Active Analysis Probe module provides a complete interface between any PCI add-in slot and Agilent Logic Analyzers. The Analysis Probe interface buffers and in state mode latches and decodes all PCI cycle types and transactions. The PCI Active Analysis Probe is a passive bus monitor which does not assert any signals on the PCI bus. The PCI bus signals are buffered and then terminated with 90k ohm/10pf terminators so that they are impedance matched to the logic analyzer. Since the PCI Active Analysis Probe does contains high speed low skew buffers very little skew is introduced. The configuration software on the diskette sets up the format specification menu of the logic analyzer for compatibility with your PCI bus. When the state configuration file is loaded, an inverse assembler is also loaded which decodes PCI transactions into easy to read mnemonics. This manual is organized to help you quickly find the information you need. • Analyzing the PCI Local Bus chapter introduces you to the PCI Active Analysis Probe and lists the minimum equipment required and accessories supplied for PCI bus analysis. • The State Analysis chapter explains how to configure the PCI Active Analysis Probe to perform state analysis on your PCI bus. • The Timing Analysis chapter explains how to configure the PCI Active Analysis Probe to perform timing analysis on your PCI bus. • The General Information chapter provides some general information including the operating characteristics for the PCI Active Analysis Probe module and the cable header pinout. How to Use This Manual |