| Moteur de recherche de fiches techniques de composants électroniques |
|
FS2101 Fiches technique(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
FS2101 Fiches technique(HTML) 3 Page - Agilent(Hewlett-Packard) |
|
3 / 48 page ![]() 3 The Format Menu 17 The STAT variable 18 The ADDR, ADDR_B , ADDR_C, DATA_B and DATA variables 19 The BUS_UT variable 19 The L_CMD variable 19 Theory of Operation 20 The Input Buffers 20 The Latching Buffers 21 The interface to the Logic Analyzer 21 The Clocking and Cycle bit Generation Logic 21 The Data Parity Checking Logic 22 STATE ANALYSIS 23 Installation Quick Reference 23 Using the front panel switches in state mode 23 Acquiring Data 24 The State Display 24 Error Messages 25 INVASM OPTIONS 25 Setting up the Analyzer to use the PC Mapper Inverse Assembler 25 Acquiring Data 25 The State Display with the PCI PC Mapper 26 Error Messages 27 PCI PC Mapping for memory transactions 27 Interrupt Vector Table 28 PCI PC Mapping - I/O Transactions 30 TIMING ANALYSIS 33 Installation Quick Reference 33 Timing Mode Skew 33 Using the Cycle bits and L_CMD lines 34 Demultiplexed versus Multiplexed 34 Acquiring Data 34 |