Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L433CBT3 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STM32L433CBT3
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CBT3 Fiches technique(HTML) 2 Page - STMicroelectronics

  STM32L433CBT3 Datasheet HTML 1Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 2Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 3Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 4Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 5Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 6Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 7Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 8Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 227 page
background image
STM32L433xx
2/227
DS11449 Rev 7
–3x I2C FM+(1 Mbit/s), SMBus/PMBus
– 4x USARTs (ISO 7816, LIN, IrDA, modem)
– 1x LPUART (Stop 2 wake-up)
– 3x SPIs (and 1x Quad SPI)
– CAN (2.0B Active) and SDMMC interface
– SWPMI single wire protocol master I/F
– IRTIM (Infrared interface)
• 14-channel DMA controller
• True random number generator
• CRC calculation unit, 96-bit unique ID
• Development support: serial wire debug
(SWD), JTAG, Embedded Trace Macrocell™
• All packages are ECOPACK2 compliant
Table 1. Device summary
Reference
Part numbers
STM32L433xx
STM32L433CC, STM32L433RC, STM32L433VC, STM32L433CB, STM32L433RB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More