Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L433CBT3 Fiches technique(PDF) 73 Page - STMicroelectronics

No de pièce STM32L433CBT3
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CBT3 Fiches technique(HTML) 73 Page - STMicroelectronics

Back Button STM32L433CBT3 Datasheet HTML 69Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 70Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 71Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 72Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 73Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 74Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 75Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 76Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 227 page
background image
DS11449 Rev 7
73/227
STM32L433xx
Pinouts and pin description
89
41 41 B4 C4 57 56 C4 91
C5
PB5
I/O
FT_l
-
LPTIM1_IN1,
I2C1_SMBA,
SPI1_MOSI,
SPI3_MOSI,
USART1_CK,
TSC_G2_IO2,
LCD_SEG9,
COMP2_OUT,
SAI1_SD_B,
TIM16_BKIN,
EVENTOUT
-
42 42 C4 B5 58 57 D3 92
B5
PB6
I/O
FT_fa
-
LPTIM1_ETR,
I2C1_SCL,
USART1_TX,
TSC_G2_IO3,
SAI1_FS_B,
TIM16_CH1N,
EVENTOUT
COMP2_INP
43 43 D4 A6 59 58 C3 93
B4
PB7
I/O FT_fla -
LPTIM1_IN2,
I2C1_SDA,
USART1_RX,
TSC_G2_IO4,
LCD_SEG21,
EVENTOUT
COMP2_INM,
PVD_IN
44 44 A5 C5 60 59 B4 94
A4
PH3-
BOOT0
I/O
-
-
EVENTOUT
-
45 45 B5 C6 61 60 B3 95
A3
PB8
I/O
FT_fl
-
I2C1_SCL, CAN1_RX,
LCD_SEG16,
SDMMC1_D4,
SAI1_MCLK_A,
TIM16_CH1,
EVENTOUT
-
46 46 C5 B6 62 61 A3 96
B3
PB9
I/O
FT_fl
-
IR_OUT, I2C1_SDA,
SPI2_NSS,
CAN1_TX,
LCD_COM3,
SDMMC1_D5,
SAI1_FS_A,
EVENTOUT
-
--
-
-
- 62
-
-
-
VDD12
S
-
-
-
-
-
-
-
-
-
-
-
97
C3
PE0
I/O
FT_l
-
LCD_SEG36,
TIM16_CH1,
EVENTOUT
-
Table 15. STM32L433xx pin definitions (continued)
Pin Number
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More