Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L433CBT3 Fiches technique(PDF) 85 Page - STMicroelectronics

No de pièce STM32L433CBT3
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CBT3 Fiches technique(HTML) 85 Page - STMicroelectronics

Back Button STM32L433CBT3 Datasheet HTML 81Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 82Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 83Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 84Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 85Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 86Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 87Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 88Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 227 page
background image
Port H
PH0
-
----
-
-
EVENTOUT
PH1
-
----
-
-
EVENTOUT
PH3
-
----
-
-
EVENTOUT
1. Refer to Table 16 for AF0 to AF7.
Table 17. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
LPUART1
CAN1/TSC
USB/QUADSPI
LCD
SDMMC1/
COMP1/
COMP2/
SWPMI1
SAI1
TIM2/TIM15/
TIM16/LPTIM2
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More