| Moteur de recherche de fiches techniques de composants électroniques |
|
DM505LRBABF Fiches technique(PDF) 76 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DM505LRBABF Fiches technique(HTML) 76 Page - Texas Instruments |
|
76 / 295 page ![]() 76 DM505 SPRS976E – NOVEMBER 2016 – REVISED MAY 2018 www.ti.com Submit Documentation Feedback Specifications Copyright © 2016–2018, Texas Instruments Incorporated 5 Specifications NOTE For more information, see Power, Reset and Clock Management / PRCM Subsystem Environment / External Voltage Inputs or Initialization / Preinitialization / Power Requirements section of the Device TRM. NOTE The index number 1 which is part of the EMIF1 signal prefixes (ddr1_*) listed in Section 4.3.8, EMIF, column "SIGNAL NAME" are not to be confused with DDR1 type of SDRAM memories. NOTE Audio Back End (ABE) module is not supported for this family of devices, but “ABE” name is still present in some clock or DPLL names. CAUTION All IO Cells are NOT Fail-safe compliant and should not be externally driven in absence of their IO supply. |