Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM505LRBABF Fiches technique(PDF) 65 Page - Texas Instruments

No de pièce DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Fiches technique(HTML) 65 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 61Page - Texas Instruments DM505LRBABF Datasheet HTML 62Page - Texas Instruments DM505LRBABF Datasheet HTML 63Page - Texas Instruments DM505LRBABF Datasheet HTML 64Page - Texas Instruments DM505LRBABF Datasheet HTML 65Page - Texas Instruments DM505LRBABF Datasheet HTML 66Page - Texas Instruments DM505LRBABF Datasheet HTML 67Page - Texas Instruments DM505LRBABF Datasheet HTML 68Page - Texas Instruments DM505LRBABF Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 295 page
background image
Copyright © 2016–2018, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
65
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Table 4-28. Pin Multiplexing
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE[15:0] SETTINGS
0
1
2
3
4
5
6
7
8
9
10
11
12
14
15
E22
xi_osc0
N2
ddr1_a7
AB4
ddr1_d4
W1
ddr1_dqs2
U3
ddr1_d20
C1
ddr1_a1
M19
adc_in0
U1
ddr1_a9
Y6
ddr1_d7
A15
csi2_0_dx3
V1
ddr1_a15
AA2
ddr1_d17
T1
ddr1_a8
R3
ddr1_a11
AA3
ddr1_d16
Y1
ddr1_d23
Y17
ddr1_d14
AA20
ddr1_dqs1
AA6
ddr1_d0
F3
ddr1_cke0
Y20
ddr1_dqsn1
N21
adc_in5
T2
ddr1_a6
W2
ddr1_dqsn2
E3
ddr1_wen
P18
adc_in7
AA11
ddr1_ecc_d
2
B3
ddr1_ba0
T17
cvideo_tvout
W22
ddr1_d30
B21
xi_osc1
V3
ddr1_d21
T20
ddr1_d25
A11
csi2_0_dx0
G2
ddr1_nck
U21
ddr1_d24
Y9
ddr1_ecc_d
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More