Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM505LRBABF Fiches technique(PDF) 67 Page - Texas Instruments

No de pièce DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Fiches technique(HTML) 67 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 63Page - Texas Instruments DM505LRBABF Datasheet HTML 64Page - Texas Instruments DM505LRBABF Datasheet HTML 65Page - Texas Instruments DM505LRBABF Datasheet HTML 66Page - Texas Instruments DM505LRBABF Datasheet HTML 67Page - Texas Instruments DM505LRBABF Datasheet HTML 68Page - Texas Instruments DM505LRBABF Datasheet HTML 69Page - Texas Instruments DM505LRBABF Datasheet HTML 70Page - Texas Instruments DM505LRBABF Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 295 page
background image
Copyright © 2016–2018, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
67
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Table 4-28. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE[15:0] SETTINGS
0
1
2
3
4
5
6
7
8
9
10
11
12
14
15
Y5
ddr1_d5
F2
ddr1_casn
AB20
ddr1_d13
B11
csi2_0_dy0
AB9
ddr1_ecc_d
7
D22
xo_osc0
U2
ddr1_a12
P19
adc_in6
AA18
ddr1_d8
U22
ddr1_d31
Y18
ddr1_dqm1
A13
csi2_0_dx2
T22
ddr1_dqsn3
G1
ddr1_ck
P17
cvideo_vfb
G3
porz
T21
ddr1_dqs3
Y22
ddr1_d11
AA19
ddr1_d12
AB5
ddr1_dqsn0
U20
ddr1_d27
AA13
ddr1_ecc_d
4
B16
csi2_0_dy4
F1
ddr1_rasn
D3
ddr1_a2
AA10
ddr1_dqs_e
cc
AA7
ddr1_d3
B2
ddr1_csn0
N1
ddr1_rst
V2
ddr1_d19
Y8
ddr1_d2
B12
csi2_0_dy1
C3
ddr1_a13
A12
csi2_0_dx1
AB11
ddr1_ecc_d
5
M21
adc_in2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More