Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0108 Fiches technique(PDF) 125 Page - Nexperia B.V. All rights reserved

No de pièce LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Fiches technique(HTML) 125 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 121Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 122Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 123Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 124Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 125Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 126Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 127Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 128Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 129Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 234 page
background image
Automotive analog & logic ICs
Type number
Description
Features
Package (suffix)
74LV165A-Q100
8-bit parallel or serial-in/serial-out shift register
1.0 - 5.5
± 12
7.5
-40 to 125
•
•
74LV4060-Q100
14-stage binary ripple counter with oscillator
1.0 - 5.5
± 6
29
-40 to 125
•
•
74LVC594A-Q100
8-bit serial-in/parallel-out shift register with output storage register
1.2 - 5.5
± 24
3.1
-40 to 125
•
•
•
74VHC595-Q100
8-bit serial-in/parallel-out shift register with output storage register
(3-state)
2.0 - 5.5
± 8
4.0
-40 to 125
•
•
•
74VHCT595-Q100
8-bit serial-in/parallel-out shift register with output storage register;
TTL-enabled (3-state)
4.5 - 5.5
± 8
3.8
-40 to 125
•
•
•
HEF4014B-Q100
8-bit shift register with synchronous parallel enable
3.0 - 15
± 2.4
40
-40 to 85
•
HEF4021B-Q100
8-bit shift register with asynchronous parallel load
3.0 - 15
± 2.4
40
-40 to 85
•
•
HEF4094B-Q100
8-bit serial-in/serial or parallel-out shift register with output register
(3-state)
3.0 - 15
± 2.4
50
-40 to 85
•
•
HEF4794B-Q100
8-bit serial-in/serial or parallel-out shift register with output register LED
driver (3-state)
3.0 - 15
-20
45
-40 to 85
•
HEF4894B-Q100
12-bit serial-in/serial or parallel-out shift register with output register
LED driver (3-state)
3.0 - 15
-20
45
-40 to 85
•
•
NPIC6C595-Q100
8-bit serial-in/parallel-out shift register with output storage register
(3-state)
4.5 - 5.5
-100
90
-40 to 125
•
•
•
NPIC6C596-Q100
8-bit serial-in/serial or parallel-out shift register with output register LED
driver (3-state)
4.5 - 5.5
-100
90
-40 to 125
•
•
•
NPIC6C596A-Q100
8-bit serial-in/serial or parallel-out shift register with output register LED
driver (3-state)
2.3 - 5.5
-100
90
-40 to 125
•
•
•
NPIC6C4894-Q100
12-bit serial-in/serial or parallel-out shift register with output register
LED driver (3-state)
4.5 - 5.5
-100
105
-40 to 125
•
•
Shift registers
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com