| Moteur de recherche de fiches techniques de composants électroniques |
|
LSF0108 Fiches technique(PDF) 121 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
LSF0108 Fiches technique(HTML) 121 Page - Nexperia B.V. All rights reserved |
|
121 / 234 page ![]() Automotive analog & logic ICs Type number Description Features Package (suffix) 74VHCT02-Q100 Quad 2-input NOR gate; TTL-enabled 4.5 - 5.5 ± 8 3.8 -40 to 125 • • • 74VHCT08-Q100 Quad 2-input AND gate; TTL-enabled 4.5 - 5.5 ± 8 5.0 -40 to 125 • • • 74VHC32-Q100 Quad 2-input OR gate 2.0 - 5.5 ± 8 3.5 -40 to 125 • • 74VHCT32-Q100 Quad 2-input OR gate; TTL-enabled 4.5 - 5.5 ± 8 5.0 -40 to 125 • • • HEF4001B-Q100 Quad 2-input NOR gate 3.0 - 15 ± 2.4 20 -40 to 85 • HEF4011B-Q100 Quad 2-input NAND gate 3.0 - 15 ± 2.4 20 -40 to 85 • HEF4030B-Q100 Quad 2-input EXCLUSIVE-OR gate 3.0 - 15 ± 2.4 30 -40 to 85 • HEF4070B-Q100 Quad 2-input EXCLUSIVE-OR gate 3.0 - 15 ± 2.4 30 -40 to 85 • HEF4081B-Q100 Quad 2-input AND gate 3.0 - 15 ± 2.4 20 -40 to 85 • HEF4082B-Q100 Dual 4-input AND gate 3.0 - 15 ± 2.4 25 -40 to 85 • Latches/Registered drivers Type number Description Features Package (suffix) 74AHC573-Q100 Octal D-type transparent latch (3-state) 2.0 - 5.5 ± 8 4.2 -40 to 125 • • • 74AHCT573-Q100 Octal D-type transparent latch; TTL-enabled (3-state) 4.5 - 5.5 ± 8 3.9 -40 to 125 • • • 74HC259-Q100 8 bit addressable latch 2.0 - 6.0 ± 5.2 18 -40 to 125 • • • 74HCT259-Q100 8 bit addressable latch; TTL-enabled 4.5 - 5.5 ± 4 20 -40 to 125 • • • 74HC373-Q100 Octal D-type transparent latch (3-state) 2.0 - 6.0 ± 7.8 12 -40 to 125 • • • 74HCT373-Q100 Octal D-type transparent latch; TTL-enabled (3-state) 4.5 - 5.5 ± 6 14 -40 to 125 • • • 74HC573-Q100 Octal D-type transparent latch (3-state) 2.0 - 6.0 ± 7.8 14 -40 to 125 • • • 74HCT573-Q100 Octal D-type transparent latch; TTL-enabled (3-state) 4.5 - 5.5 ± 6 17 -40 to 125 • • • 74LVC373A-Q100 Octal D-type transparent latch (3-state) 1.2 - 3.6 ± 24 3.0 -40 to 125 • • • 74LVC16373A-Q100 16-bit D-type transparent latch (3-state) 1.2 - 3.6 ± 24 2.4 -40 to 125 • • 74LVCH16373A-Q100 16-bit D-type transparent latch with bushold (3-state) 1.2 - 3.6 ± 24 2.4 -40 to 125 • • HEF4043B-Q100 Quad R/S latch with set and reset (3-state) 3.0 - 15 ± 2.4 25 -40 to 85 • Gates 121 |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |