| Moteur de recherche de fiches techniques de composants électroniques |
|
TPS799 Fiches technique(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS799 Fiches technique(HTML) 22 Page - Texas Instruments |
|
22 / 49 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 9-Nov-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TPS79918DDCRG4 Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R - Call TI Call TI -40 to 125 TPS79918DDCT Active Production SOT-23- THIN (DDC) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWV TPS79918DDCT.B Active Production SOT-23- THIN (DDC) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWV TPS79918DDCTG4 Active Production SOT-23- THIN (DDC) | 5 250 | SMALL T&R - Call TI Call TI -40 to 125 TPS79918DRVR Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWV TPS79918DRVR.B Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWV TPS79918DRVT Active Production WSON (DRV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWV TPS79918DRVT.B Active Production WSON (DRV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWV TPS79918YZUR Active Production DSBGA (YZU) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 EB TPS79918YZUR.B Active Production DSBGA (YZU) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 EB TPS79918YZUT Active Production DSBGA (YZU) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 EB TPS79918YZUT.B Active Production DSBGA (YZU) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 EB TPS799195DRVR Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 BTP TPS799195DRVR.B Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 BTP TPS799195DRVT Active Production WSON (DRV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 BTP TPS799195DRVT.B Active Production WSON (DRV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 BTP TPS799195YZUR Active Production DSBGA (YZU) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 AO TPS799195YZUR.B Active Production DSBGA (YZU) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 AO TPS799195YZUT Active Production DSBGA (YZU) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 AO TPS799195YZUT.B Active Production DSBGA (YZU) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 AO TPS79919YZUT Active Production DSBGA (YZU) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 F6 TPS79919YZUT.B Active Production DSBGA (YZU) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 F6 TPS79920YZUT Active Production DSBGA (YZU) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 GA TPS79920YZUT.B Active Production DSBGA (YZU) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 GA TPS79921YZUR Active Production DSBGA (YZU) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 G7 TPS79921YZUR.B Active Production DSBGA (YZU) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 G7 TPS79925DDCR Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWW Addendum-Page 4 |